Part Number Hot Search : 
GBJ35 39100 AP131 MIP0223S G5U1118 39100 HMC59 74VHC00
Product Description
Full Text Search
 

To Download DDTA113TKA-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30343 rev. 4 - 2 1 of 3 ddta (r1-only series) ka www.diodes.com  diodes incorporated ddta (r1-only series) ka pnp pre-biased small signal sc-59 surface mount transistor  epitaxial planar die construction  complementary npn types available (ddtc)  built-in biasing resistor, r1 only  available in lead free/rohs compliant version (note 2) features maximum ratings @ t a = 25  c unless otherwise specified mechanical data  case: sc-59  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish annealed over copper leadframe). please see ordering information, note 4, on page 2  terminal connections: see diagram  marking: date code and type code (see table below & page 2)  ordering information (see page 2)  weight: 0.008 grams (approximate) t c u d o r p w e n b r 1 schematic diagram e c p/n r1 (nom) type code ddta113tka ddta123tka ddta143tka ddta114tka ddta124tka ddta144tka ddta115tka ddta125tka 1k  2.2k  4.7k  10k  22k  47k  100k  200k  p01 p03 p07 p12 p16 p19 p23 p25 characteristic symbol value unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c (max) -100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c sc-59 dim min max a 0.35 0.50 b 1.50 1.70 c 2.70 3.00 d 0.95 g 1.90 h 2.90 3.10 j 0.013 0.10 k 1.00 1.30 l 0.35 0.55 m 0.10 0.20  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead. a m j l d b c h k g c be
ds30343 rev. 4 - 2 2 of 3 ddta (r1-only series) ka www.diodes.com characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo -50  v i c = -50  a collector-emitter breakdown voltage bv ceo -50  v i c = -1ma emitter-base breakdown voltage bv ebo -5   v i e = -50  a collector cutoff current i cbo  -0.5  a v cb = -50v emitter cutoff current i ebo  -0.5  a v eb = -4v collector-emitter saturation voltage v ce(sat)  -0.3 v i c/ i b = -10ma/-1ma ddta113tka i c/ i b = -5ma/-0.5ma ddta123tka i c/ i b = -2.5ma/-.25ma ddta143tka i c/ i b = -1ma/-.1ma ddta114tka i c/ i b = -5ma-/0.5ma ddta124tka i c/ i b = -2.5ma/-.25ma ddta144tka i c/ i b = -1ma/-0.1ma ddta115tka i c/ i b = -.5ma/-.05ma ddta125tka dc current transfer ratio h fe 100 250 600  i c = -1ma, v ce = -5v input resistor (r 1 ) tolerance r 1 -30  +30 %  gain-bandwidth product* f t  250  mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified t c u d o r p w e n * transistor - for reference only month jan feb march apr may jun jul aug sep oct nov dec code 12345 67 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key xxx = product type marking code, see table on page 1 ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxx ym marking information device packaging shipping ddta113tka-7 sc-59 3000/tape & reel ddta123tka-7 sc-59 3000/tape & reel ddta143tka-7 sc-59 3000/tape & reel ddta114tka-7 sc-59 3000/tape & reel ddta124tka-7 sc-59 3000/tape & reel ddta144tka-7 sc-59 3000/tape & reel ddta115tka-7 sc-59 3000/tape & reel ddta125tka-7 sc-59 3000/tape & reel notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free/rohs compliant version part numbers, please add "-f" suffix to the part numbers above. exampl e: ddta125tka-7-f. (note 3) ordering information
ds30343 rev. 4 - 2 3 of 3 ddta (r1-only series) ka www.diodes.com t c u d o r p w e n 1 1 10 01020304050 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 0.01 0.1 1 10 100 01234 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e -25c 5 67 75c 25c 0.001 0 6 12 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 10 5 15 25 10 8 4 2 i=0v e 10 1000 100 1 1 10 100 h , dc current gain (normalized) fe i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 25 c 75 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (milliwatts) d typical curves - ddta114tka


▲Up To Search▲   

 
Price & Availability of DDTA113TKA-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X